PART |
Description |
Maker |
TWA8-48S15 TWA8-48-5 TWA8-48S3.3 TWA8-24S5 TWA8-48 |
Hybrid emitter switched bipolar transistor ESBT® 900 V - 20 A - 0.06 Ohm Emitter switched bipolar transistor ESBT® 1200 V - 8 A - 0.10 Ohm Hybrid emitter switched bipolar transistor ESBT 2200 V - 7 A - 0.07 Ohm power module Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 Ohm Emitter switched bipolar transistor ESBT® 1700V - 4A - 0.17 Ohm Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 Ohm 模拟IC Analog IC 模拟IC
|
Bourns, Inc.
|
BUD43D2 BUD43D2-1 BUD43D2-D |
Bipolar NPN Transistor High Speed, High Gain Bipolar NPN Transistor Integrating an Antisaturation Network and a Transient Voltage Suppression Capability
|
ON Semiconductor
|
IRGP4066D-EPBF IRGP4066DPBF IRGP4066DPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
International Rectifier
|
BUL146FG BUL146G |
Bipolar Power TO220FP NPN 6A 400V; Package: TO-220 3 LEAD FULLPAK; No of Pins: 3; Container: Rail; Qty per Container: 50 6 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB SWITCHMODE NPN Bipolar Power Transistor
|
ON Semiconductor
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
IRG4RC10UPBF IRG4RC10UTRPBF IRG4RC10UPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRGB4064DPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRGI4061DPBF |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SC5658-Q |
Discrete Devices-Transistor-NPN Bipolar Transistor
|
Taiwan Semiconductor
|